Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 3 Page - STMicroelectronics

  DALC208 Datasheet HTML 1Page - STMicroelectronics DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DALC208
Characteristics
3/14
Figure 3.
Maximum non-repetitive peak
forward current versus rectangular
pulse duration (T
j initial = 25 °C)
Figure 4.
Reverse clamping voltage versus
peak pulse current
(T
j initial = 25 °C), typical values.
Rectangular waveform t
p = 2.5 ms
0.001
0.01
0.1
1
10
100
1000
0
1
2
3
4
5
6
7
8
t (ms)
p
I
(A)
FSM
I/O vs
REF1 or
REF2
5
1015202530
0.1
1.0
2.0
V
(V)
CL
I
(A)
pp
tp=2.5µs
I/O vs REF1
or REF2
Figure 5.
Variation of leakage current versus
junction temperature
(typical values)
Figure 6.
Input capacitance versus reverse
applied voltage (typical values)
Figure 7.
Peak forward voltage drop versus
peak forward current
(typical values),
rectangular waveform tp = 2.5 ms
25
50
75
100
125
150
0.01
0.1
1
10
100
T (°C)
j
IR(µA)
0
1
23
45
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V (V)
R
C(pF)
F=1MHz
Vsign=30mV
Vref1/ref2=5V
0
2
4
6
8
10
12
14
16
18
20
0.1
1.0
10.0
V
(V)
FM
I
(A)
FM
Tj=25°C
Tj=150°C
I/O vs REF 1
or REF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com