Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 2 Page - STMicroelectronics

  DALC208 Datasheet HTML 1Page - STMicroelectronics DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
DALC208
2/14
1
Characteristics
Figure 2.
Input capacitance measurement
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
IEC61000-4-2, air discharge
IEC61000-4-2, contact discharge
15
8
kV
VRRM
Peak reverse voltage per diode
9
V
ΔV
REF
Reference voltage gap between VREF2 and VREF1
9V
VIn max.
Maximum operating signal input voltage
VREF2
V
VIn min.
Minimum operating signal input voltage
VREF1
V
IF
Continuous forward current (single diode loaded)
200
mA
IFRM
Repetitive peak forward current (tp = 5 ms, F = 50 kHz)
700
mA
IFSM
Surge non repetitive forward current - rectangular waveform (See
curve on Figure 3.)
tp = 2.5 µs
tp = 1 µs
tp = 100 µs
6
2
1
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55 to + 150
150
°C
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (1)
500
°C/W
1.
Device mounted on FR4 PCB with recommended footprint dimensions.
Table 3.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Conditions
Typ.
Max.
Unit
VF
Forward voltage
IF = 50 mA
1.2
V
IR
Reverse leakage current per diode
VR = 5 V
1
µA
C
Input capacitance between Line and GND
See Figure 2.7
10
pF
G
REF1
I/O
+V CC
REF1 connected to GND
REF2 connected to +Vcc
Input applied :
Vcc = 5 V, Vsign = 30 mV, F = 1 MHz
REF2
VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com