Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 1 Page - STMicroelectronics

  DALC208 Datasheet HTML 1Page - STMicroelectronics DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2008
Rev 7
1/14
14
DALC208
Low capacitance diode array
Features
■ Protection of 4 lines
■ Peak reverse voltage: VRRM = 9 V per diode
■ Very low capacitance per diode: C < 5 pF
■ Very low leakage current: IR < 1 µA
Benefits
■ Cost-effective solution compared with discrete
solution
■ High efficiency in ESD suppression
■ No significant signal distortion thanks to very
low capacitance
■ High reliability offered by monolithic integration
■ Lower PCB area consumption versus discrete
solution
Complies with the following standards
■ IEC61000-4-2 level 4
■ MIL STD 883G-Method 3015-7: class 3,
human body model
Applications
Where ESD and/or over and undershoot
protection for datalines is required:
■ Sensitive logic input protection
■ Microprocessor based equipment
■ Audio / video inputs
■ Portable electronics
■ Networks
■ ISDN equipment
■ USB interface
Figure 1.
Functional diagram
Description
The DALC208SC6 diode array is designed to
protect components which are connected to data
and transmission lines from over voltages caused
by electrostatic discharge (ESD) or other
transients. It is a rail-to-rail protection device also
suited for overshoot and undershoot suppression
on sensitive logic inputs.
The low capacitance of the DALC208SC6
prevents significant signal distortion.
1
SOT23-6L
(Plastic)
I/O 1
I/O 2
I/O 3
I/O 4
REF 2
REF 1
www.st.com


Similar Part No. - DALC208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
Automotive low capacitance diode array for ESD protection
07-Nov-2012
More results

Similar Description - DALC208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
logo
Pan Jit International I...
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
Low Capacitance Diode Array
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
Low Capacitance Diode Array
January, 2012 ??Rev. 4
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com