Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 8 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics DALC208 Datasheet HTML 11Page - STMicroelectronics DALC208 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Crosstalk behavior
DALC208
8/14
Note:
The measurements have been done in the worst case i.e. on two adjacent cells (I/O1 and
I/O4).
3.3
Analog crosstalk
Figure 16.
Analog crosstalk measurements
Figure 16 shows the measurement circuit for the analog application. For the usual frequency
range of analog signals (up to 100MHz) the effect on disturbed line is less than -45 dBm.
See Figure 17.
As the DALC208SC6 is designed to protect high speed data lines, it must ensure a good
transmission of operating signals. The attenuation curve give such an information.
Figure 18 shows that the DALC208SC6 is well suitable for data line transmission up to
100 Mbit/s while it works as a filter for undesirable signals such as GSM carrier (900 MHz).
SPECTRUM ANALYSER
Vout
50
Ω
TRACKING GENERATOR
Vg
Vin
50
Ω
TEST BOARD
+5V
DALC
208
C=100nF
Figure 17.
Analog crosstalk results
Figure 18.
DALC208SC6 attenuation
1
10
100
1,000
-100
-80
-60
-40
-20
0
f(MHz)
dBm
1
10
100
1,000
-30
-20
-10
0
f(MHz)
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com