Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical specifications
L9380
8/18
Function is given for supply voltage down to 5.5V.
Function means: the channels are controlled from the inputs, some other parameters may
exceed the limit. In this case the programming voltage and timer threshold will be lower. This
leads to a lower protection threshold and time.
ICP
Charge pump current
VS = 12 V, VCP = 20 V, Tj ≥ 25 °C
-70
-45
µA
VS = 12 V, VCP = 20 V, Tj < 25 °C
-70
-38
µA
tCP
Charging time
VCP = VS + 8 V CCP = 100 pF
200
µs
VSCP off Overvoltage shut down
20
30
V
VSCP hys Overvoltage shut down hysteresis
(1)
50
200
1000
mV
fCP
Charge pump frequency (1)
100
250
400
KHz
Gate drivers
IGSo
Gate source current
VG = VS
-5
-3
-1
mA
IGSi
Gate sink current
VG ≥ 0.8 V
1
3
5
mA
IGCP
Charge pump current on the gate
VS = 12 V, VG = 20 V, Tj ≥ 25 °C
-60
-35
µA
VS = 12V, VG = 20 V, Tj < 25 °C
-60
-28
µA
Drain - source sensing
VPR
Bias current programming voltage 10 µA
≤ I
PR ≤ 100 µA; VD ≥ 4 V
1.822.2
V
ID Leak
Drain pin leakage current
VS = 0 V; VD =14 V
0
5
A
ID
Drain pin bias current
VS ≥ VD + 1 V; VD ≥ 5 V
0.9 IPR
1.1 IPR
ISmax
Source pin input current
VS ≥ VD + 1 V; VD ≥ 7 V
10
60
A
VHYST
Comparator hysteresis
20
mV
Timer
VTHi
Timer threshold high
4
4.4
4.8
V
VTLo
Timer threshold low
0.3
0.4
0.5
V
IT
Timer current
IN = 5 V; VT = 2 V
IN = 0 V; VS < VD;
VD ≥ 5 V; VT = 2 V
0.4 IPR
-0.6
IPR
0.6 IPR
-0.4
IPR
Inputs
VLOW
Input enable low voltage
-0.3
1
V
VHIGH
Input enable high voltage
3
7
V
VINhys
Input enable hysteresis(1)
50
200
500
mV
IIN
Input source current
VIN ≤ 3 V
-30
-5
μA
IEN
Enable sink current
VEN ≥ 1 V
5
30
μA
td
Transfer time IN/ENABLE
VS = 14 V VG = VS; Open Gate
2.5
µs
1.
Not measured guaranteed by design.
Table 5.
Electrical characteristics (continued)
(7 V
≤ V
S ≤ 18.5 V; -40° C ≤ TJ ≤ 150 °C, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com