Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics L9380 Datasheet HTML 13Page - STMicroelectronics L9380 Datasheet HTML 14Page - STMicroelectronics L9380 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
L9380
Functional description
11/18
Figure 5.
Comparator hysteresis
The application diagram is shown in Figure 6. Because of the transients present at the
power lines during operation and possible disturbances in the system the external resistors
are necessary.
Positive ISO-Pulses at Drain, Gate Source are clamped with an active clamping structure.
The clamping voltage is less than 60V. Negative Pulses are only clamped with the ESD-
Structure less than -15 V. This transients lower than -15 V can influence the other channels.
In order to protect the transistor against overload and gate breakdown protection diodes
between gate and source and gate and drain has to be connected. In case of overvoltage
into VS (VS > 20 V) the charge pump oscillation is stopped.
Then the charge pump capacitor will be loaded by a diode and a resistor in series up to VS
(see Figure 1). In this case the channels are not influenced. In reverse battery condition the
pins D1, D2, S1, S2 follow the battery potential down to -13 V (high impedance) and the
gate driver pins G1, G2 is referred to S1, S2. In this way it is assured that M1 and M2 will not
be driven into the linear conductive mode. This protection function is operating for VS1, VS2
down to -15 V. The gate driver output G3 is referred to the D1 in this case. This function
guarantees that the source to source connected N-Channel MOS transistors M3 and M4
remains OFF.
All the supplies and the in- and output of the PC Board are supplied with a 40 wires flat
cable (not used wires are left open). This cable is submitted to the RF in the strip-line like
described in DIN 40839-4 or ISO 11456-5.
The measured circuit was build up on a PCB board with ground plane. In the frequency
range from 1 MHz to 400 MHz and 80 % AM-modulation of 1 kHz with field strength of
200 V/m no influence to the basic function was detected on a typical device.
The failure criteria is an envelope of the output signal with 20 % in the amplitude and 2 % in
the time.
VT
-10mV
VDr
+10mV
VSo
D98AT394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com