Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics L9380 Datasheet HTML 13Page - STMicroelectronics L9380 Datasheet HTML 14Page - STMicroelectronics L9380 Datasheet HTML 15Page - STMicroelectronics L9380 Datasheet HTML 16Page - STMicroelectronics L9380 Datasheet HTML 17Page - STMicroelectronics L9380 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Functional description
L9380
14/18
Figure 12.
Measured circuit (The EMS of the device was verified in the below described setup)
VS
GND
DRIVER 1
≥1
ENN
-
CHARGE PUMP
OVERVOLTAGE
CP
T1
VSI
IN1
+
≥1
VSI
T2
IN2
IN3
EN
CP
IPR
D1
S1
G1
DRIVER 2
≥1
ENN
-
VSI
+
≥1
VSI
CP
D2
S2
G2
IPR
ENN
≥1
VSI
CP
DRIVER 3
G3
ENN
VS
VSI
PR
IPR
2V
REFERENCE
REG.
33
μF
SMT_39A
SMB7W01-200
10nF
10nF
33nF
10K
Ω
2K
Ω
2K
Ω
10K
Ω
2K
Ω
33V
18V
33V
18V
33V
18V
D98AT401
CAR-BATTERY
1K
Ω
1K
Ω
1K
Ω
100nF
5.6V
4.7nF
2.2nF
10K
Ω
2.2nF
10K
Ω
2.2nF
10K
Ω
2K
Ω
STD17N06
5
Ω
5
Ω
B60N06
STD17N06
STD17N06
4.7nF
5.6V
3.125Hz
6.25Hz
12.5Hz
25Hz
f
2
4.7nF
5.6V
1K
Ω
4.7nF
PC-BOARD IN RF BOX
5.6V
10
9
8
7
2m
STRIPLINE
U(t)
f
2
f
2
1K
Ω
1K
Ω
1K
Ω
EN
IN3
IN2
6
IN1
2
VS
1
VBAT
2.2nF
2.2nF
2.2nF
2.2nF
OUT1
3
OUT2
4
OUT3
5
ANECHOIC CHAMBER
10K
Ω
20K
Ω
BNC
BNC
+
8
9
7
6
345
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com