Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics L9380 Datasheet HTML 13Page - STMicroelectronics L9380 Datasheet HTML 14Page - STMicroelectronics L9380 Datasheet HTML 15Page - STMicroelectronics L9380 Datasheet HTML 16Page - STMicroelectronics L9380 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
L9380
Functional description
13/18
4.1
Typical characteristics curve
Depending on production spread, certain deviations may occure. For limits see Table 5.
Figure 7.
Charge loading time as function of
VS (Vcp = 8 V +VS)
Figure 8.
Charge pump current as function of
the charge voltage
Figure 9.
Ground loss protection gate
discarge current for source voltage
Figure 10.
Input current as function of the
input voltage
Figure 11.
Overvoltage shutdown of the
charge pump with hysteresis
6
10121416
VS(V)
8
0
10
20
tCH
(ms)
68nF
33nF
10nF
D98AT396
717
27
VC(V)
0
50
100
ICP
(
μA)
D98AT397
7V
10V
12V
16V
-15
-10
-5
VS(V)
-1000
-800
-600
-400
-200
IG
(
μA)
D98AT398
01234
VI(V)
-20
-15
-10
-5
IC
(
μA)
D98AT399
24
24.5
25
25.5
VS(V)
20
30
VCH
(V)
D98AT400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com