Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics L9380 Datasheet HTML 13Page - STMicroelectronics L9380 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional description
L9380
10/18
In application which don’t use the overload protection or if one channel is not used, the
Timer pin of this channel must be connected to ground and the drain pin with a resistor to
Vbat.
The timing characteristic illustrates the function and the meaning of VDSmin and Toff (see
Figure 6). The input current of the overload sense comparator is specified as ISmax. The sum
IPR + IDmax generates a drop across the external resistor RD if the drain pin voltage is higher
than the source pin (see Figure 4). In the switching point the comparator input source pin
currents are equal and the half of the specified current ISmax. For an offset compensation
equal external resistors (RD = RS) at drain and source pin are imperative. The drain sense
comparator, which detects the overload, has a symmetrical hysteresis of 20 mV (see
Figure 5).
Exceeding the source pin voltage by 10 mV with respect to the drain voltage forces the timer
capacitor to discharge. Decreasing the source pin voltage 10 mV lower than the drain pin
voltage an overload of the external MOS is detected and the timer capacitor will be loaded.
After reaching a voltage at pin CT higher than the timer threshold VThi the influenced
channel is switched off. In this case the overload is stored in the timer capacitor.
The timer capacitor will be discharged with a ’High’ signal at the input (see Figure 3). After
reaching the lower timer threshold VTLo the overload protection is reset and the channel is
able to switch on again.
Figure 3.
Timing characteristic
Figure 4.
Drain, source input current.
VIN
VG
VS
VT
4.4V
0.4V
VDSmin
td
td
Toff
D98AT392
ID
IPR + IDmax
ISmax
IS
V S
=
V
D
IPR
0
D98AT393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com