Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9380
Description  Triple high-side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics L9380 Datasheet HTML 13Page - STMicroelectronics L9380 Datasheet HTML 14Page - STMicroelectronics L9380 Datasheet HTML 15Page - STMicroelectronics L9380 Datasheet HTML 16Page - STMicroelectronics L9380 Datasheet HTML 17Page - STMicroelectronics L9380 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
L9380
Functional description
15/18
Figure 13.
Printed circuit board (PCB)
4.1.1
Electromagnetic emission classification (EME)
Electromagnetic emission classes presented below are typical data found on bench test. For
detailes test description please refer to "Electromagnetic Emission (EME) Measurement of
Integrated Circuits, DC to 1 GHz" of VDE/ZVEI work group 767.13 and VDE/ZVEI work
group 767.14 or IEC project number 47A 1967Ed. This data is targeted to board designers
to allow an estimation of emission filtering effort required in application. All measurements
are done with the EMS-board (See Figure 12 and 13).
Note:
Electromagnetic Emission and Susceptivity is not tested in production.
Table 6.
Electromagnetic emission classification
Pin
EME class
Remark
VCP
G
-
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com