Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 3Page - STMicroelectronics L6722TR Datasheet HTML 4Page - STMicroelectronics L6722TR Datasheet HTML 5Page - STMicroelectronics L6722TR Datasheet HTML 6Page - STMicroelectronics L6722TR Datasheet HTML 7Page - STMicroelectronics L6722TR Datasheet HTML 8Page - STMicroelectronics L6722TR Datasheet HTML 9Page - STMicroelectronics L6722TR Datasheet HTML 10Page - STMicroelectronics L6722TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
L6722
2 Pins description and connection diagrams
7/34
2
Pins description and connection diagrams
Figure 4.
Pins connection (top view)
2.1
Pin description
Table 1.
Pins description
Pin#
Name
Function
1
VSEN
Remote Buffer Output. It manages OVP and UVP protections and
PGOOD. See Section 9 for details.
2FB
Error Amplifier Inverting Input. Connect with a resistor RFB vs. VSEN and
with an RF - CF vs. COMP.
3COMP
Error Amplifier Output. Connect with an RF - CF vs. FB.
The device cannot be disabled by pulling down this pin.
4SGND
All the internal references are referred to this pin. Connect to the PCB
Signal Ground.
5VCC
Device Power Supply as well as LS driver supply.
Operative voltage is 12V ±15%. Filter with at least 1
µF MLCC vs. ground.
6
N.C.
Not Internally Bonded.
7LGATE1
Channel 1 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
8
PGND
LS Driver return path. Connect to Power ground Plane.
21
22
23
24
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
PHASE3
N.C.
PGOOD
N.C.
OSC / INH / FLT
N.C.
REF_IN
REF_OUT
N.C.
LGATE2
PGND
LGATE1
N.C.
VCC
SGND
COMP
FB
VSEN
19
20
13
14
15
16
17
18
33
34
35
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com