Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 19Page - STMicroelectronics L6722TR Datasheet HTML 20Page - STMicroelectronics L6722TR Datasheet HTML 21Page - STMicroelectronics L6722TR Datasheet HTML 22Page - STMicroelectronics L6722TR Datasheet HTML 23Page - STMicroelectronics L6722TR Datasheet HTML 24Page - STMicroelectronics L6722TR Datasheet HTML 25Page - STMicroelectronics L6722TR Datasheet HTML 26Page - STMicroelectronics L6722TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
L6722
9 Output voltage monitor and protections
23/34
Figure 12. output voltage protections and typical principle connections
9.4
Feedback disconnection
Output voltage i monitored by the device in two different points:
●
Remotely, through the remote buffer, across VSEN
●
Locally across the CS- pin (negligibly offset by
).
By comparing the voltage present at these two different locations, L6722 is able to understand
if the output voltage feedback is connected. When CS- is more than 1.375V higher than VSEN,
(See Figure 13) the device stops switching with the low side mosfets permanently ON and
drives high the FAULT pin. The condition is latched until VCC or INH cycled.
Figure 13. Feedback disconnection
VCC
+12V
+5V
SB
Vcc
UVLO
OVP
UVLO
VCC
Preliminary OVP Enabled
FBR Monitored
No Protection
Provided
(INH = Free)
OVP Protection
VSEN Monitored
(INH = 0)
Preliminary OVP
FBR Monitor
R
D
I
CS
⋅
L2
L1
L3
DCR1
DCR2
DCR3
CD
RD
RD RD
RG
PHASE3
PHASE2
PHASE1
VOUT
IINFO
CS_DROOP+
CS_DROOP-
FB
IDROOP
x 3
RF
CF
RFB
COMP
VSEN
FBR
FBG
VID
FB_DISCONNECTED
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com