Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 5Page - STMicroelectronics L6722TR Datasheet HTML 6Page - STMicroelectronics L6722TR Datasheet HTML 7Page - STMicroelectronics L6722TR Datasheet HTML 8Page - STMicroelectronics L6722TR Datasheet HTML 9Page - STMicroelectronics L6722TR Datasheet HTML 10Page - STMicroelectronics L6722TR Datasheet HTML 11Page - STMicroelectronics L6722TR Datasheet HTML 12Page - STMicroelectronics L6722TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
L6722
2 Pins description and connection diagrams
9/34
23
OSC / INH /
FLT
Three functional pin:
OSC: It allows programming the switching frequency FSW of each
channel: the equivalent switching frequency at the load side results in
being tripled.
Frequency is programmed according to the resistor connected from the
pin vs. SGND or VCC with a gain of 4kHz/µA (see relevant section for
details). Leaving the pin floating programs a switching frequency of
100kHz per phase (300kHz on the load).
INH: Forced low, the device stops operations with all mosfets OFF: all the
protections are disabled except for Preliminary over voltage. It resets the
device from any latching condition.
FLT: The pin is forced high (5V) to signal an OVP FAULT: to recover from
this condition, cycle VCC or the OSC pin. See Section 10 for details.
24
N.C.
Not Internally Bonded.
25
REF_IN
REFrence INput for the regulation. Connect directly or through a resistor
to the REF_OUT pin. See Section 7.1 for details.
26
REF_OUT
REFrence OUTput. Connect directly or through a resistor to the REF_IN
pin. See Section 7.1 for details.
27, 28
N.C.
Not Internally Bonded.
29
SGND
All the internal references are referred to this pin. Connect to the PCB
Signal Ground.
30
FBR
Remote Buffer Non Inverting Input.
Connect to the positive side of the load to perform remote sense.
See Section 12 for proper layout of this connection.
31
FBG
Remote Buffer Inverting Input.
Connect to the negative side of the load to perform remote sense.
See Section 12 for proper layout of this connection.
32 to 34
ISEN3
to
ISEN1
LS Current Sense Pins.
These pins are used for current balance phase-to-phase as well as for the
system OCP. Connect through a resistor Rg to the relative PHASEx pin.
See Section 6 and Section 9.6 for details.
35
CS+
Droop Current Sense non-inverting input.
Connect through R-C network to the main inductors. See Section 7.1 for
details.
36
CS-
Droop Current Sense inverting input.
Connect through resistor RD to the main inductors common node. See
Section 7.1 for details.
This pin also monitor the feedback disconnection. See Section 9.4 for
details.
PAD
THERMAL
PAD
Thermal pad connects the Silicon substrate and makes good thermal
contact with the PCB to dissipate the power necessary to drive the
external mosfets.
Connect to the PGND plane with several VIAs to improve thermal
conductivity.
Table 1.
Pins description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com