Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 23Page - STMicroelectronics L6722TR Datasheet HTML 24Page - STMicroelectronics L6722TR Datasheet HTML 25Page - STMicroelectronics L6722TR Datasheet HTML 26Page - STMicroelectronics L6722TR Datasheet HTML 27Page - STMicroelectronics L6722TR Datasheet HTML 28Page - STMicroelectronics L6722TR Datasheet HTML 29Page - STMicroelectronics L6722TR Datasheet HTML 30Page - STMicroelectronics L6722TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
L6722
11 System control loop compensation
27/34
11
System control loop compensation
The control loop is composed by the Current Sharing control loop (See Figure 16) and the
Voltage control loop. Each loop gives, with a proper gain, the correction to the PWM in order to
minimize the error in its regulation: the Current Sharing control loop equalize the currents in the
inductors while the Voltage control loop fixes the output voltage equal to the reference.
Figure 16 shows the block diagram of the system control loop.
The system Control Loop is reported in Figure 17. The current information IDROOP sourced by
the DROOP pin flows into RFB implementing the dependence of the output voltage from the
read current (when DROOP is enabled).
Figure 16. Main control loop
The system can be modeled with an equivalent single phase converter which only difference is
the equivalent inductor L/3 (where each phase has an L inductor).
The Control Loop gain results (obtained opening the loop after the COMP pin):
Where:
●
is the equivalent output resistance determined by the droop
function;
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and
the applied load RO;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the parallel of the three inductor impedance;
●
A(s) is the error amplifier gain;
L3
L2
L1
PWM3
PWM2
PWM1
4 / 5
Reference
ERROR AMPLIFIER
COMP
FB
ZF(s)
ZF(s)
IDROOP
COUT
ROUT
1 / 5
1 / 5
1 / 5
CURRENT SHARING
DUTY CYCLE
CORRECTION
IINFO1
IINFO3
IINFO2
G
LOOP s
()
PWM
Z
F s
()
R
DROOP
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
---------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------------
–
=
R
DROOP
DCR
Rg
-------------
R
FB
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com