Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 7Page - STMicroelectronics L6722TR Datasheet HTML 8Page - STMicroelectronics L6722TR Datasheet HTML 9Page - STMicroelectronics L6722TR Datasheet HTML 10Page - STMicroelectronics L6722TR Datasheet HTML 11Page - STMicroelectronics L6722TR Datasheet HTML 12Page - STMicroelectronics L6722TR Datasheet HTML 13Page - STMicroelectronics L6722TR Datasheet HTML 14Page - STMicroelectronics L6722TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
L6722
3 Electrical specifications
11/34
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
to PGND
15
V
VBOOTx - VPHASEx
Boot Voltage
15
V
VUGATEx - VPHASEx
15
V
LGATEx, PHASEx, to PGNDx
-0.3 to VCC + 0.3
V
All other Pins to PGNDx
-0.3 to 7
V
VPHASEx
Positive Peak Voltage; T<20ns @ 600kHz
26
V
Negative Peak Voltage
TBD
V
Table 4.
Electrical characteristics
(VCC = 12V±15%, TJ = 0°C to 70°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC Supply current
HGATEx and LGATEx = OPEN
BOOTx = 12V
17
mA
IBOOTx
BOOTx Supply Current
HGATEx = OPEN; PHASEx to
PGNDx; BOOTx = 12V
0.7
mA
UVLOVCC
VCC Turn-ON
VCC Rising
9.2
V
VCC Turn-OFF
VCC Falling
7
V
UVLOOVP
Pre-OVP Turn-ON
VCC Rising
3.8
V
Pre-OVP Turn-OFF
VCC Falling
3
V
Oscillator and inhibit
FSW
Main Oscillator Accuracy
OSC = OPEN
OSC = OPEN; TJ = 0°C to 125°C
90
110
kHz
INHIL
Disable Thresholds
0.5
V
dMAX
Maximum Duty Cycle
OSC = OPEN; IISENx = 0µA
80
%
OSC = OPEN; IISENx = 35µA
40
%
∆VOSC
PWMx Ramp Amplitude
3
V
FLT
Voltage at Pin OSC
OVP Active
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com