Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 8Page - STMicroelectronics L6722TR Datasheet HTML 9Page - STMicroelectronics L6722TR Datasheet HTML 10Page - STMicroelectronics L6722TR Datasheet HTML 11Page - STMicroelectronics L6722TR Datasheet HTML 12Page - STMicroelectronics L6722TR Datasheet HTML 13Page - STMicroelectronics L6722TR Datasheet HTML 14Page - STMicroelectronics L6722TR Datasheet HTML 15Page - STMicroelectronics L6722TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
3 Electrical specifications
L6722
12/34
Reference
kREF
Output Voltage Accuracy
FBR = VOUT; FBG = GNDOUT;
-1
1
%
Error amplifier and remote buffer
A0
EA DC Gain
80
dB
SR
Slew Rate
COMP = 10pF to SGND
15
V/
µs
RB DC Gain
1
V/V
CMRR
Remote Buffer Common
Mode Rejection Ratio
40
dB
Differential current sensing and offset
IOCTH
Over Current Threshold
35
µA
kIDROOP
Droop Current Deviation
IDROOP = 0 to 105µA; RD=5.1kΩ
-3
3
µA
IOFFSET
Offset Current
10
12
14
µA
Gate drivers
tRISE_UGATEx HS Rise Time
BOOTx - PHASEx = 10V;
CUGATEx to PHASEx = 3.3nF
15
ns
IUGATEx
HS Source Current
BOOTx - PHASEx = 10V
1.5
A
RUGATEx
HS Sink Resistance
BOOTx - PHASEx = 12V
2.5
Ω
tRISE_LGATEx LS Rise Time
VCC = 10V;
CLGATEx to PGNDx = 5.6nF
20
ns
ILGATEx
LS Source Current
VCC = 10V
1.5
A
RLGATEx
LS Sink Resistance
VCC = 12V
1.8
Ω
Protections
OVP
VSEN Rising
1.085
1.120
1.155
V
Pre-OVP
Preliminary Over voltage
Protection
FBR Rising
1.25
V
Hysteresis
300
mV
VFB-DISC
FB Disconnection
VCS- Rising, above VSEN
1.375
V
UVP
Under Voltage Protection
VSEN Falling, vs. REF_IN
-250
-300
-350
mV
PGOOD
PGOOD Threshold
VSEN Falling, vs. REF_IN
-100
-150
-200
mV
VPGOOD
Voltage Low
I = -4mA
0.4
V
Table 4.
Electrical characteristics (continued)
(VCC = 12V±15%, TJ = 0°C to 70°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com