Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 12Page - STMicroelectronics TS4998 Datasheet HTML 13Page - STMicroelectronics TS4998 Datasheet HTML 14Page - STMicroelectronics TS4998 Datasheet HTML 15Page - STMicroelectronics TS4998 Datasheet HTML 16Page - STMicroelectronics TS4998 Datasheet HTML 17Page - STMicroelectronics TS4998 Datasheet HTML 18Page - STMicroelectronics TS4998 Datasheet HTML 19Page - STMicroelectronics TS4998 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Electrical characteristics
TS4998
16/33
Figure 44.
SNR vs. power supply voltage
Figure 45.
SNR vs. power supply voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
Unweighted filter (20Hz to 20kHz)
F = 1kHz
G = +6dB, RL = 8
Ω
THD + N < 0.5%
Tamb = 25
°C
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
Unweighted filter (20Hz to 20kHz)
F = 1kHz
G = +6dB, RL = 16
Ω
THD + N < 0.5%
Tamb = 25
°C
Supply Voltage (V)
Figure 46.
Differential DC output voltage vs.
common mode input voltage
Figure 47.
Differential DC output voltage vs.
common mode input voltage
01
23
45
1E-3
0.01
0.1
1
10
100
1000 Vcc = 5V
G = +6dB
Tamb = 25
°C
Common Mode Input Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1E-3
0.01
0.1
1
10
100
1000
Vcc = 3.3V
G = +6dB
Tamb = 25
°C
Common Mode Input Voltage (V)
Figure 48.
Differential DC output voltage vs.
common mode input voltage
Figure 49.
Current consumption vs. power
supply voltage
0.0
0.5
1.0
1.5
2.0
2.5
1E-3
0.01
0.1
1
10
100
1000
Vcc = 2.7V
G = +6dB
Tamb = 25
°C
Common Mode Input Voltage (V)
0
1
2345
0
1
2
3
4
5
6
7
8
One channel active
No load
Tamb = 25
°C
Power Supply Voltage (V)
Both channels active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com