Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 18Page - STMicroelectronics TS4998 Datasheet HTML 19Page - STMicroelectronics TS4998 Datasheet HTML 20Page - STMicroelectronics TS4998 Datasheet HTML 21Page - STMicroelectronics TS4998 Datasheet HTML 22Page - STMicroelectronics TS4998 Datasheet HTML 23Page - STMicroelectronics TS4998 Datasheet HTML 24Page - STMicroelectronics TS4998 Datasheet HTML 25Page - STMicroelectronics TS4998 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
TS4998
22/33
4.5
Low frequency response
The input coupling capacitors block the DC part of the input signal at the amplifier inputs. In
the low frequency region, CIN starts to have an effect. CIN and RIN form a first-order high
pass filter with a -3dB cut-off frequency.
with RIN expressed in Ω and CIN expressed in F.
So, for a desired -3dB cut-off frequency we can calculate CIN:
From Figure 64, you can easily establish the CIN value required for a -3 dB cut-off frequency
for some typical cases.
Figure 64.
-3dB lower cut-off frequency vs. input capacitance
F
CL
1
2
π R
IN
C
IN
×
×
×
----------------------------------------------- Hz
()
=
C
IN
1
2
π R
IN
F
CL
×
×
×
------------------------------------------------ F
()
=
0.2
0.4
0.6
0.8
1
10
100
Rin=24k
Ω
G~6dB
Rin=12k
Ω
G~12dB
Rin=6.2k
Ω
G~18dB
Tamb=25
°C
Input Capacitor Cin (
μF)
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com