Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 14Page - STMicroelectronics TS4998 Datasheet HTML 15Page - STMicroelectronics TS4998 Datasheet HTML 16Page - STMicroelectronics TS4998 Datasheet HTML 17Page - STMicroelectronics TS4998 Datasheet HTML 18Page - STMicroelectronics TS4998 Datasheet HTML 19Page - STMicroelectronics TS4998 Datasheet HTML 20Page - STMicroelectronics TS4998 Datasheet HTML 21Page - STMicroelectronics TS4998 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Electrical characteristics
TS4998
18/33
Figure 56.
Frequency response
Figure 57.
Output power vs. load resistance
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cin=680nF, Rin=12k
Ω
Cin=4.7
μF, Rin=12kΩ
Cin=4.7
μF, Rin=24kΩ
20k
Frequency (Hz)
Cin=330nF, Rin=24k
Ω
Vcc = 2.7V
Po = 200mW
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
4
8
12
16
20
24
28
32
0
200
400
600
800
1000
1200
1400
1600
1800
Vcc=5.5V
Vcc=5V
Vcc=4.5V
Vcc=4V
Vcc=3.3V
Vcc=3V
Vcc=2.7V
THD+N = 1%
F = 1kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Load Resistance (
Ω)
Figure 58.
Output power vs. power supply
voltage
Figure 59.
Output power vs. power supply
voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
1200
1400
1600
1800
RL=32
Ω
RL=8
Ω
RL=16
Ω
RL=4
Ω
F = 1kHz
Cb = 1
μF
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
RL=32
Ω
RL=8
Ω
RL=16
Ω
RL=4
Ω
F = 1kHz
Cb = 1
μF
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
Figure 60.
Power dissipation vs. output power Figure 61.
Power dissipation vs. output power
0
200
400
600
800
1000 1200 1400 1600
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
RL=4
Ω
RL=16
Ω
RL=8
Ω
Vcc = 5V
F = 1kHz
THD+N < 1%
Output Power (mW)
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
400
450
500
550
600
RL=4
Ω
RL=16
Ω
RL=8
Ω
Vcc = 3.3V
F = 1kHz
THD+N < 1%
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com