Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 21Page - STMicroelectronics TS4998 Datasheet HTML 22Page - STMicroelectronics TS4998 Datasheet HTML 23Page - STMicroelectronics TS4998 Datasheet HTML 24Page - STMicroelectronics TS4998 Datasheet HTML 25Page - STMicroelectronics TS4998 Datasheet HTML 26Page - STMicroelectronics TS4998 Datasheet HTML 27Page - STMicroelectronics TS4998 Datasheet HTML 28Page - STMicroelectronics TS4998 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TS4998
Application information
25/33
4.7
Footprint recommendation
Footprint soldering pad dimensions are given in Figure 72 on page 30. As discussed in the
previous section, the maximum allowable value for ambient temperature is dependent on
the thermal resistance junction to ambient RTHJA. Decreasing the RTHJA value causes better
power dissipation.
Based on best thermal performance, it is recommended to use 4-layer PCBs with vias to
effectively remove heat from the device. It is also recommended to use vias for 2-layer PCBs
to connect the package exposed pad to heatsink cooper areas placed on another layer.
For proper thermal conductivity, the vias must be plated through and solder-filled. Typical
thermal vias have the following dimensions: 1.2mm pitch, 0.3mm diameter.
Figure 65.
QFN16 footprint recommendation
4.8
Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4998: a power supply bypass
capacitor CS and a bias voltage bypass capacitor Cb.
The CS capacitor has particular influence on the THD+N at high frequencies (above 7kHz)
and an indirect influence on power supply disturbances. With a value for CS of 1µF, one can
expect THD+N performance similar to that shown in the datasheet.
In the high frequency region, if CS is lower than 1µF, then THD+N increases and
disturbances on the power supply rail are less filtered.
On the other hand, if CS is greater than 1µF, then those disturbances on the power supply
rail are more filtered.
The Cb capacitor has an influence on the THD+N at lower frequencies, but also impacts
PSRR performance (with grounded input and in the lower frequency region).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com