Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 25Page - STMicroelectronics TS4998 Datasheet HTML 26Page - STMicroelectronics TS4998 Datasheet HTML 27Page - STMicroelectronics TS4998 Datasheet HTML 28Page - STMicroelectronics TS4998 Datasheet HTML 29Page - STMicroelectronics TS4998 Datasheet HTML 30Page - STMicroelectronics TS4998 Datasheet HTML 31Page - STMicroelectronics TS4998 Datasheet HTML 32Page - STMicroelectronics TS4998 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
QFN16 package information
TS4998
30/33
Figure 71.
QFN16 4x4mm package mechanical data
Figure 72.
QFN16 footprint soldering pad
Dimensions
Ref
Millimeters (mm)
Min
Typ
Max
A
0.8
0.9
1.0
A1
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.0
4.15
D2
2.1
2.6
E
3.85
4.0
4.15
E2
2.1
2.6
e
0.65
K
0.2
L
0.30
0.40
0.50
r
0.11
Footprint data
Ref
mm
A
4.2
B
4.2
C
0.65
D
0.35
E
0.65
F
2.70
* The Exposed Pad is connected to Ground.
*
* The Exposed Pad is connected to Ground.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com