Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4998 Datasheet HTML 24Page - STMicroelectronics TS4998 Datasheet HTML 25Page - STMicroelectronics TS4998 Datasheet HTML 26Page - STMicroelectronics TS4998 Datasheet HTML 27Page - STMicroelectronics TS4998 Datasheet HTML 28Page - STMicroelectronics TS4998 Datasheet HTML 29Page - STMicroelectronics TS4998 Datasheet HTML 30Page - STMicroelectronics TS4998 Datasheet HTML 31Page - STMicroelectronics TS4998 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application information
TS4998
28/33
4.13
Notes on PSRR measurement
What is the PSRR?
The PSRR is the power supply rejection ratio. The PSRR of a device is the ratio between a
power supply disturbance and the result on the output. In other words, the PSRR is the
ability of a device to minimize the impact of power supply disturbance to the output.
How is the PSRR measured?
The PSRR is measured as shown in Figure 68.
Figure 68.
PSRR measurement
Principles of operation
●
The DC voltage supply (VCC) is fixed
●
The AC sinusoidal ripple voltage (Vripple) is fixed
●
No bypass capacitor CS is used
The PSRR value for each frequency is calculated as:
RMS is an rms selective measurement.
Cin1
4.7uF
Cb
1uF
Rin1
Rin2
Rin3
Rin4
Cin2
4.7uF
Cin3
4.7uF
Cin4
4.7uF
RL
8Ohms
RL
8Ohms
Vcc
Vripple
1
2
4
3
14
12
11
9
10
BIAS
STBY
LEFT
RIGHT
LI N-
RIN-
LI N+
RIN+
Bypass
GND
GND
LOUT-
LOUT+
ROUT-
ROUT+
-
+
+
-
Vcc
TS4998
U1
TS4998 - QFN16
PSRR
20
Log
RMS
Output
()
RMS
Vripple
()
----------------------------------
×
dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com