Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TS472
Electrical characteristics
9/24
Figure 2.
Current consumption vs. power
supply voltage
Figure 3.
Current consumption vs. power
supply voltage
01
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tamb=85°C
Tamb=25°C
Tamb=-40°C
No Loads
GS floating
Power Supply Voltage (V)
01
23
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tamb=85°C
Tamb=25°C
Tamb=-40°C
No Loads
GS grounded
Power Supply Voltage (V)
Figure 4.
Current consumption vs. standby
voltage
Figure 5.
Current consumption vs. standby
voltage
01
234
5
0.0
0.5
1.0
1.5
2.0
2.5
Vcc=5V
Vcc=3V
No Loads
GS floating
Tamb = 25°C
Standby Voltage (V)
0123
45
0.0
0.5
1.0
1.5
2.0
2.5
Vcc=5V
Vcc=3V
No Loads
GS grounded
Tamb = 25°C
Standby Voltage (V)
Figure 6.
Standby threshold voltage vs.
power supply voltage
Figure 7.
Frequency response
345
0.0
0.2
0.4
0.6
0.8
1.0
No Loads
Tamb = 25°C
Power Supply Voltage (V)
2.2
5.5
10
100
1000
10000
100000
-20
-10
0
10
20
30
C1,C2=220pF
C1,C2=100pF
Cin,Cout=10nF
Cin,Cout=100nF
no C1,C2
Cb=1
μF, T
AMB
=25
°C, Gain=20dB, Rout=100kΩ
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com