Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics TS472 Datasheet HTML 21Page - STMicroelectronics TS472 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application information
TS472
18/24
5.7
Standby mode
When the standby command is set, the time required to set the output stages (differential
outputs and 2.0V bias output) in high impedance and the internal circuitry in shutdown mode
is a few microseconds.
5.8
Layout considerations
The TS472 has sensitive pins to connect C1, C2 and Rgs. To obtain high power supply
rejection and low noise performance, it is mandatory that the layout track to these
component is as short as possible.
Decoupling capacitors on VCC and bypass pin are needed to eliminate power supply drops.
In addition, the capacitor location for the dedicated pin should be as close to the device as
possible.
5.9
Single-ended input configuration
It’s possible to use the TS472 in a single-ended input configuration. The schematic in
Figure 39 provides an example of this configuration.
Figure 39.
Single ended input typical application
VCC
Electret Mic
Rpos
Standby Control
Positive Output
Negative Output
1uF
Cb
1uF
Cs
1uF
C3
C1
C2
Cin+
Cin-
+
Cout+
Cout-
Rout+
Rout-
Bias
IN-
IN+
G
OUT+
OUT-
GAIN
BYPASS
BIAS
Vcc
SELECT
C2
D2
B2
D1
A2
B1
A1
2.0V
U1
TS472
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com