Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 3 Page - STMicroelectronics

  TS472 Datasheet HTML 1Page - STMicroelectronics TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TS472
Ordering information
3/24
1
Ordering information
Table 1.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS472EIJT
-40°C, +85°C
Flip-chip
Tape & reel
472
TS472IQT
-40°C, +85°C
QFN24 4x4mm
Tape & reel
K472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com