Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 4 Page - STMicroelectronics

  TS472 Datasheet HTML 1Page - STMicroelectronics TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Typical application schematic
TS472
4/24
2
Typical application schematic
Figure 1 shows a typical application schematic for the TS472.
Figure 1.
Application schematic (flip-chip)
Table 2.
External component descriptions
Components
Functional description
Cin+, Cin-
Input coupling capacitors that block the DC voltage at the amplifier input
terminal.
Cout+, Cout-
Output coupling capacitors that block the DC voltage coming from the
amplifier output terminal (pins C2 and D2) and determine Lower cut-off
frequency.
Rout+, Rout-
Output load resistors used to charge the output coupling capacitors Cout.
These output resistors can be represented by an input impedance of a
following stage.
Rpos, Rneg
Polarizing resistors for biasing of a microphone.
Cs
Supply bypass capacitor that provides power supply filtering.
Cb
Bypass pin capacitor that provides half-supply filtering.
C1, C2
Low pass filter capacitors allowing to cut the high frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com