Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TS472
Electrical characteristics
13/24
Figure 26.
THD+N vs. input voltage
Figure 27.
THD+N vs. input voltage
1E-3
0.01
0.1
0.01
0.1
1
10
GS grounded
GS=bias
Tamb=25°C, Vcc=3V, F=20kHz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3
GS floating
1E-3
0.01
0.1
0.01
0.1
1
10
GS floating
GS=bias
GS grounded
Tamb=25°C, Vcc=5V, F=20kHz,
Cb=1
μF, RL=10kΩ , BW=100Hz-120kHz
Input Voltage (V)
0.3
Figure 28.
THD+N vs. frequency
Figure 29.
THD+N vs. frequency
100
1000
10000
0.1
1
10
GS=bias, Vin=100mV
GS floating, Vin=100mV
GS grounded, Vin=20mV
Tamb=25°C
Vcc=3V
RL=10k
Ω
Cb=1
μF
BW=100Hz-120kHz
20k
50
Frequency (Hz)
100
1000
10000
0.1
1
10
GS=bias, Vin=100mV
GS floating, Vin=100mV
GS grounded, Vin=20mV
Tamb=25
°C
Vcc=5V
RL=10k
Ω
Cb=1
μF
BW=100Hz-120kHz
20k
50
Frequency (Hz)
Figure 30.
Transient response
Figure 31.
Transient response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com