Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics
TS472
10/24
Figure 8.
Bias output voltage vs. bias output
current
Figure 9.
Bias output voltage vs. power
supply voltage
01
23
4
1.4
1.6
1.8
2.0
2.2
Tamb=85°C
Tamb=25°C
Bias Output Current (mA)
Tamb=-40°C
Vcc=2.5-6V
345
1.4
1.6
1.8
2.0
2.2
Ibias=4mA
Ibias=2mA
Tamb=25°C
Ibias=0mA
Power Supply Voltage (V)
2.2
5.5
Figure 10.
Bias PSRR vs. frequency
Figure 11.
Bias PSRR vs. frequency
100
1000
10000
-100
-80
-60
-40
-20
0
Vripple=200mVpp
Vcc=3V
Cb=1
μF
Tamb =25
°C
Frequency (Hz)
50
20k
Bias floating or 1k
Ω to GND
100
1000
10000
-100
-80
-60
-40
-20
0
Bias = 1k
Ω to GND
Vripple=200mVpp
Vcc=5V
Cb=1
μF
Tamb=25
°C
Frequency (Hz)
50
20k
Bias floating
Figure 12.
Differential output PSRR vs.
frequency
Figure 13.
Differential output PSRR vs.
frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
GS=bias
GS grounded
Vripple=200mVpp
Inputs grounded
Vcc=3V
Cb=1
μF
Cin=100nF
Tamb=25
°C
GS floating
Frequency (Hz)
50
20k
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
GS=bias
GS grounded
Vripple=200mVpp
Inputs grounded
Vcc=5V
Cb=1
μF
Cin=100nF
Tamb=25
°C
GS floating
Frequency (Hz)
50
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com