Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 8Page - STMicroelectronics STM690A Datasheet HTML 9Page - STMicroelectronics STM690A Datasheet HTML 10Page - STMicroelectronics STM690A Datasheet HTML 11Page - STMicroelectronics STM690A Datasheet HTML 12Page - STMicroelectronics STM690A Datasheet HTML 13Page - STMicroelectronics STM690A Datasheet HTML 14Page - STMicroelectronics STM690A Datasheet HTML 15Page - STMicroelectronics STM690A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
12/37
Power-fail Input/Output (NOT available on STM818)
The Power-fail Input (PFI) is compared to an inter-
nal reference voltage (independent from the VRST
comparator). If PFI is less than the power-fail
threshold (VPFI), the Power-Fail Output (PFO) will
go low. This function is intended for use as an un-
dervoltage detector to signal a failing power sup-
ply. Typically PFI is connected through an external
voltage divider (see Figure 11., page 8) to either
the unregulated DC input (if it is available) or the
regulated output of the VCC regulator. The voltage
divider can be set up such that the voltage at PFI
falls below VPFI several milliseconds before the
regulated VCC input to the STM690A/692A/703/
704/802/805/817/818/819 Supervisor or the mi-
croprocessor drops below the minimum operating
voltage.
During battery back-up, the power-fail comparator
turns off and PFO goes (or remains) low (see Fig-
ure 14 and Figure 15., page 13). This occurs after
VCC drops below 2.4V (or VSO). When power re-
turns, PFO is forced high (STM817/819 only), irre-
spective of VPFI for the WRITE protect time (trec).
At the end of this time, the power-fail comparator
is enabled and PFO follows PFI. If the comparator
is unused, PFI should be connected to VSS and
PFO left unconnected. PFO may be connected to
MR on the STM703/704/818 so that a low voltage
on PFI will generate a reset output.
Applications Information
These Supervisor circuits are not short-circuit pro-
tected. Shorting VOUT to ground - excluding pow-
er-up transients such as charging a decoupling
capacitor - destroys the device. Decouple both
VCC and VBAT pins to ground by placing 0.1µF ca-
pacitors as close to the device as possible.
Figure 14. Power-fail Comparator Waveform (STM817/818/819)
AI08804a
VCC
VRST
VSO (or 2.4V)
trec
RST to ECON Delay (STM818)
RST
ECON (STM818)
PFO
(STM817/819)
PFO follows PFI
PFO follows PFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com