Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 27Page - STMicroelectronics STM690A Datasheet HTML 28Page - STMicroelectronics STM690A Datasheet HTML 29Page - STMicroelectronics STM690A Datasheet HTML 30Page - STMicroelectronics STM690A Datasheet HTML 31Page - STMicroelectronics STM690A Datasheet HTML 32Page - STMicroelectronics STM690A Datasheet HTML 33Page - STMicroelectronics STM690A Datasheet HTML 34Page - STMicroelectronics STM690A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31/37
STM690A/692A/703/704/802/805/817/818/819
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.75V to 5.5V for “L” versions; VCC = 4.5V to 5.5V for “M” ver-
sions; and VBAT = 2.8V (except where noted).
2. VCC supply current, logic input leakage, Watchdog functionality, Push-button Reset functionality, PFI functionality, state of RST and
RST tested at VBAT = 3.6V, and VCC = 5.5V. The state of RST or RST and PFO is tested at VCC = VCC (min). Either VCC or VBAT
can go to 0V if the other is greater than 2.0V.
3. VCC (min) = 1.0V for TA = 0°C to +85°C.
4. Tested at VBAT = 3.6V, VCC = 3.5V and 0V.
5. Guaranteed by design.
6. WDI input is designed to be driven by a three-state output device. To float WDI, the “high impedance mode” of the output device
must have a maximum leakage current of 10µA and a maximum output capacitance of 200pF. The output device must also be able
to source and sink at least 200µA when active.
7. When VBAT > VCC > VRST, VOUT remains connected to VCC until VCC drops below VRST.
8. When VRST > VCC > VBAT, VOUT remains connected to VCC until VCC drops below the battery voltage (VBAT) – 75mV.
9. For VCC falling.
Push-button Reset Input (STM703/704/819)
tMLMH
tMR
MR Pulse Width
STM703/704
150
ns
STM819
1
µs
tMLRL
tMRD
MR to RST Output Delay
STM703/704
250
ns
STM819
120
ns
MR Glitch Immunity
STM819
100
ns
MR Pull-up Resistor
MR = 0V, VCC = 5V
45
63
85
k
Ω
Watchdog Timer (NOT available on STM703/704/819)
tWD
Watchdog Timeout Period
VRST (max) < VCC < 5.5V
1.12
1.60
2.24
s
WDI Pulse Width
VRST (max) < VCC < 5.5V
50
ns
Chip-Enable Gating (STM818 only)
E-to-ECON Resistance
VCC = VRST (max)
40
150
Ω
E-to-ECON Propagation Delay
4.5V < VCC < 5.5V
27
ns
Reset-to-ECON High Delay
(Power-down)
15
µs
ECON Short Circuit Current
VCC = 5V, Disable Mode,
E = Logic high, ECON = 0V
0.10.752.0
mA
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com