Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 12Page - STMicroelectronics STM690A Datasheet HTML 13Page - STMicroelectronics STM690A Datasheet HTML 14Page - STMicroelectronics STM690A Datasheet HTML 15Page - STMicroelectronics STM690A Datasheet HTML 16Page - STMicroelectronics STM690A Datasheet HTML 17Page - STMicroelectronics STM690A Datasheet HTML 18Page - STMicroelectronics STM690A Datasheet HTML 19Page - STMicroelectronics STM690A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
16/37
Figure 20. Supply Current vs. Temperature (no load)
Figure 21. Battery Current vs. Temperature
Temperature (
°C)
AI09141b
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
100
120
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
VCC = 4.5V
VCC = 5.5V
Temperature (
°C)
0.1
1
10
100
1000
–40
–20
0
20
40
60
80
100
120
VBAT = 2.0V
VBAT = 3.0V
VBAT = 3.6V
AI10499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com