Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 14Page - STMicroelectronics STM690A Datasheet HTML 15Page - STMicroelectronics STM690A Datasheet HTML 16Page - STMicroelectronics STM690A Datasheet HTML 17Page - STMicroelectronics STM690A Datasheet HTML 18Page - STMicroelectronics STM690A Datasheet HTML 19Page - STMicroelectronics STM690A Datasheet HTML 20Page - STMicroelectronics STM690A Datasheet HTML 21Page - STMicroelectronics STM690A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
18/37
Figure 24. Reset Comparator Propagation Delay vs. Temperature (VBAT=3.0V; STM817/818/819)
Figure 25. Power-up trec vs. Temperature
Temperature (
°C)
0
50
100
150
200
250
300
350
–40
–20
0
20
40
60
80
100
120
1v/ms
10V/ms
AI11100
AI09144b
Temperature (
°C)
210
215
220
225
230
235
240
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com