Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 24Page - STMicroelectronics STM690A Datasheet HTML 25Page - STMicroelectronics STM690A Datasheet HTML 26Page - STMicroelectronics STM690A Datasheet HTML 27Page - STMicroelectronics STM690A Datasheet HTML 28Page - STMicroelectronics STM690A Datasheet HTML 29Page - STMicroelectronics STM690A Datasheet HTML 30Page - STMicroelectronics STM690A Datasheet HTML 31Page - STMicroelectronics STM690A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
28/37
Figure 40. E to ECON Propagation Delay Test Circuit
Note: 1. CL includes load capacitance and scope probe capacitance.
Figure 41. AC Testing Input/Output Waveforms
Figure 42. MR Timing Waveform
Note: 1. RST for STM805.
Figure 43. Watchdog Timing
AI08854
VBAT
ECON
VCC
VCC
3.6V
50pF CL
(1)
25
Ω Equivalent
Source Impedance
50
Ω Cable
50
50
STMXXX
GND
E
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
AI07837a
RST
(1)
MR
tMLRL
trec
tMLMH
AI07891
RST
WDI
VCC
trec
tWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com