Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM690A
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 29Page - STMicroelectronics STM690A Datasheet HTML 30Page - STMicroelectronics STM690A Datasheet HTML 31Page - STMicroelectronics STM690A Datasheet HTML 32Page - STMicroelectronics STM690A Datasheet HTML 33Page - STMicroelectronics STM690A Datasheet HTML 34Page - STMicroelectronics STM690A Datasheet HTML 35Page - STMicroelectronics STM690A Datasheet HTML 36Page - STMicroelectronics STM690A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
34/37
PART NUMBERING
Table 10. Ordering Information Scheme
Note: 1. Contact local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
STM690A
M
6
E
Device Type
STM690A/692A/703/704/802/805/817/818/819
Reset Threshold Voltage
STM690A/703: blank = VRST = 4.50V to 4.75V
STM8xxL: L = VRST = 4.50V to 4.75V
STM692A/704: blank = VRST = 4.25V to 4.50V
STM8xxM: M = VRST = 4.25V to 4.50V
Package
M = SO8
DS(1) = TSSOP8
Temperature Range
6 = –40 to 85°C
Shipping Method
E = ECOPACK Package, Tubes
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com