Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 5Page - STMicroelectronics PM6670S Datasheet HTML 6Page - STMicroelectronics PM6670S Datasheet HTML 7Page - STMicroelectronics PM6670S Datasheet HTML 8Page - STMicroelectronics PM6670S Datasheet HTML 9Page - STMicroelectronics PM6670S Datasheet HTML 10Page - STMicroelectronics PM6670S Datasheet HTML 11Page - STMicroelectronics PM6670S Datasheet HTML 12Page - STMicroelectronics PM6670S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
PM6670S
Electrical characteristics
9/53
4
Electrical characteristics
Table 6.
Electrical characteristics
TA = 0 °C to 85 °C , VCC = AVCC = +5 V and LDOIN connected to VDDQ output if not
otherwise specified. (1)
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Supply section
IIN
Operating current
S3, S5, MODE and DDRSEL
connected to AVCC, No Load on
VTT and VTTREF Outputs.
VCC connected to AVCC
0.8
2
mA
ISTR
Operating current in STR
S5, MODE and DDRSEL connected
to AVCC, S3 tied to SGND, No Load
on VTTREF.
VCC connected to AVCC
0.6
1
ISH
Operating current in
shutdown
S3 and S5 tied to SGND.
Discharge Mode active.
VCC connected to AVCC
110
µA
UVLO
AVCC under voltage lockout
upper threshold
4.1
4.25
4.4
V
AVCC under voltage lockout
lower threshold
3.85
4.0
4.1
UVLO hysteresis
70
mV
ON-time (SMPS)
tON
On-time duration
MODE and
DDRSEL
high,
VVSNS = 2 V
VOSC = 300 mV
650
750
850
ns
VOSC = 500 mV
390
450
510
OFF-time (SMPS)
tOFFMIN Minimum Off time
300
350
ns
Voltage reference
Voltage accuracy
4.5 V < VIN < 25 V
1.224
1.237
1.249
V
Load regulation
-50
µA< I
VREF < 50 µA-4
4
mV
Undervoltage lockout fault
threshold
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com