Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 16Page - STMicroelectronics PM6670S Datasheet HTML 17Page - STMicroelectronics PM6670S Datasheet HTML 18Page - STMicroelectronics PM6670S Datasheet HTML 19Page - STMicroelectronics PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics PM6670S Datasheet HTML 23Page - STMicroelectronics PM6670S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Device description
PM6670S
20/53
7.1
VDDQ section - constant on-time PWM controller
The PM6670S uses a pseudo-fixed frequency, Constant On-Time (COT) controller as the
core of the switching section. It is well known that the COT controller uses a relatively simple
algorithm and uses the ripple voltage derived across the output capacitor’s ESR to trigger
the On-Time one-shot generator. In this way, the output capacitor’s ESR acts as a current
sense resistor providing the appropriate ramp signal to the PWM comparator. Nearly
constant switching frequency is achieved by the system’s loop in steady-state operating
conditions by varying the On-Time duration, avoiding thus the need for a clock generator.
The On-Time one shot duration is directly proportional to the output voltage, sensed at
VSNS pin, and inversely proportional to the input voltage, sensed at the VOSC pin, as
follows:
Equation 1
where KOSC is a constant value (130 ns typ.) and τ is the internal propagation delay (40ns
typ.). The one-shot generator directly drives the high-side MOSFET at the beginning of
each switching cycle allowing the inductor current to increase; after the On-Time has
expired, an Off-Time phase, in which the low-side MOSFET is turned on, follows. The Off-
Time duration is solely determined by the output voltage: when lower than the set value (i.e.
the voltage at VSNS pin is lower than the internal reference VR = 0.9 V), the synchronous
rectifier is turned off and a new cycle begins (Figure 28).
Figure 28.
Inductor current and output voltage in steady state conditions
τ
+
=
OSC
SNS
OSC
ON
V
V
K
T
Ton
Toff
Inductor
current
t
Output
voltage
Vreg
Ton
Toff
Inductor
current
t
Output
voltage
Vreg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com