Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 32Page - STMicroelectronics PM6670S Datasheet HTML 33Page - STMicroelectronics PM6670S Datasheet HTML 34Page - STMicroelectronics PM6670S Datasheet HTML 35Page - STMicroelectronics PM6670S Datasheet HTML 36Page - STMicroelectronics PM6670S Datasheet HTML 37Page - STMicroelectronics PM6670S Datasheet HTML 38Page - STMicroelectronics PM6670S Datasheet HTML 39Page - STMicroelectronics PM6670S Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Device description
PM6670S
36/53
7.2
VTTREF buffered reference and VTT LDO section
The PM6670S provides the required DDR2/3 reference voltage on the VTTREF pin. The
internal buffer tracks half the voltage on the VSNS pin and has a sink and source capability
up to 15 mA.
Higher currents rapidly deteriorate the output accuracy. A 10 nF to 100 nF (33 nF typ.)
bypass capacitor to SGND is required for stability.
The VTT Low-Drop-Out linear regulator has been designed to sink and source up to 2 A
peak current and 1A continuously. The VTT voltage tracks VTTREF within ±35 mV.
A remote voltage sensing pin (VTTSNS) is provided to recovery voltage drops due to
parasitic resistance. In DDR2/3 applications, the linear regulator input LDOIN is typically
connected to VDDQ output; connecting LDOIN pin to a lower voltage, if available in the
system, reduces the power dissipation of the LDO.
A minimum output capacitance of 20
µF (2x10 µF MLCC capacitors) is enough to assure
stability and fast load transient response.
7.2.1
VTT and VTTREF Soft-Start
Soft-Start on VTT and VTTREF outputs is achieved by current clamping.
The LDO linear regulator is provided with a current foldback protection: when the output
voltage exits the internal ±10 % VTT-Good window, the output current is clamped at ±1 A.
Re-entering VTT-Good window releases the current limit clamping.
The foldback mechanism naturally implements a two steps soft-start charging the output
capacitors with a 1 A constant current.
Something similar occurs at VTTREF pin, where the output capacitor is smoothly charged at
a fixed 40 mA current limit.
7.2.2
VTTREF and VTT outputs discharge
The Tracking Discharge mechanism involves the VTT linear regulator. When the Suspend-
To-Disk state is entered, the switching regulator is turned OFF.
At the same time the LDO drains a 1 A constant current from LDOIN and keeps VTT in track
with VTTREF that, in turn, is half the voltage at the VSNS pin. When the VDDQ output
reaches 400 mV, the PM6670S switches on the internal discharge MOSFETs to complete
the process (see Section 7.1.8: VDDQ output discharge on page 33).
In Soft Discharge (i.e. Non-Tracking Discharge) the PM6670S disables the internal
regulators and suddenly turns on the discharge MOSFETs on each output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com