Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 19Page - STMicroelectronics PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics PM6670S Datasheet HTML 23Page - STMicroelectronics PM6670S Datasheet HTML 24Page - STMicroelectronics PM6670S Datasheet HTML 25Page - STMicroelectronics PM6670S Datasheet HTML 26Page - STMicroelectronics PM6670S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
PM6670S
Device description
23/53
7.1.2
Output ripple compensation and loop stability
The loop is closed connecting the center tap of the output divider (internally, when the fixed
output voltage is chosen, or externally, using the MODE pin in the adjustable output voltage
mode). The feedback node is the negative input of the error comparator, while the positive
input is internally connected to the reference voltage (Vr = 0.9 V). When the feedback
voltage becomes lower than the reference voltage, the PWM comparator goes to high and
sets the control logic, turning on the high-side MOSFET. After the On-Time (calculated as
previously described) the system releases the high-side MOSFET and turns on the
synchronous rectifier.
The voltage drop along ground and supply PCB paths, used to connect the output capacitor
to the load, is a source of DC error. Furthermore the system regulates the output voltage
valley, not the average, as shown in Figure 28. Thus, the voltage ripple on the output
capacitor is an additional source of DC error. To compensate this error, an integrative
network is introduced in the control loop, by connecting the output voltage to the COMP pin
through a capacitor (CINT) as shown in Figure 31.
Figure 31.
Circuitry for output ripple compensation
The additional capacitor is used to reduce the voltage on the COMP pin when higher than
300 mVpp and is unnecessary for most of applications. The trans conductance amplifier
(gm) generates a current, proportional to the DC error, used to charge the CINT capacitor.
The voltage across the CINT capacitor feeds the negative input of the PWM comparator,
forcing the loop to compensate the total static error. An internal voltage clamp forces the
COMP pin voltage range to ±150 mV with respect to VREF. This is useful to avoid or
smooth output voltage overshoot during a load transient. When the Pulse-Skip Mode is
entered, the clamping range is automatically reduced to 60 mV in order to enhance the
recovering capability. In the ripple amplitude is larger than 150 mV, an additional capacitor
CFILT can be connected between the COMP pin and ground to reduce ripple amplitude,
otherwise the integrator will operate out of its linearity range. This capacitor is unnecessary
for most of applications and can be omitted.
+
-
V
VREF
REF
COMP
g
gm
m
VSNS
R
RFb1
Fb1
R
RFb2
Fb2
Vr
Vr
+
PWM
Comparator
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
Vr
C
COUT
OUT
COMP PIN
VOLTAGE
OUTPUT
VOLTAGE
I=gm(V1-Vr)
V
V11
t
∆V
∆V
V
VC
CINT
INT
ESR
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com