Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 9Page - STMicroelectronics PM6670S Datasheet HTML 10Page - STMicroelectronics PM6670S Datasheet HTML 11Page - STMicroelectronics PM6670S Datasheet HTML 12Page - STMicroelectronics PM6670S Datasheet HTML 13Page - STMicroelectronics PM6670S Datasheet HTML 14Page - STMicroelectronics PM6670S Datasheet HTML 15Page - STMicroelectronics PM6670S Datasheet HTML 16Page - STMicroelectronics PM6670S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
PM6670S
Typical operating characteristics
13/53
5
Typical operating characteristics
Figure 3.
Efficiency vs
load - 1.5 V and 1.8 V, VIN = 12 V
Figure 4.
Switching frequency vs
load - 1.8 V, VIN = 12 V
Figure 5.
Switching frequency vs
input voltage, 1.8 V
Figure 6.
Switching frequency vs
input voltage, 1.5 V
Figure 7.
VDDQ line regulation, 1.8 V, 7 A
Figure 8.
VDDQ line regulation, 1.5 V, 7 A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output current (A)
DDR2 - Forced PWM
DDR2 - No-Audible P-S
DDR2 - Pulse-Skip
DDR3 - Forced PWM
DDR3 - No-Audible P-S
DDR3 - Pulse-Skip
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output current (A)
DDR2 - Forced PWM
DDR2 - No-Audible P-S
DDR2 - Pulse-Skip
DDR3 - Forced PWM
DDR3 - No-Audible P-S
DDR3 - Pulse-Skip
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
10
Output current (A)
Forced PWM
No-Audible P-S
Pulse-Skip
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
10
Output current (A)
Forced PWM
No-Audible P-S
Pulse-Skip
150
200
250
300
350
400
450
500
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
150
200
250
300
350
400
450
500
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
pg
150
200
250
300
350
400
450
500
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
pg
150
200
250
300
350
400
450
500
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
1.7940
1.7950
1.7960
1.7970
1.7980
1.7990
1.8000
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
Forced PWM
No-Audible P-S
Pulse-Skip
1.7940
1.7950
1.7960
1.7970
1.7980
1.7990
1.8000
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
Forced PWM
No-Audible P-S
Pulse-Skip
1.4940
1.4945
1.4950
1.4955
1.4960
1.4965
1.4970
1.4975
1.4980
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
Forced PWM
No-Audible P-S
Pulse-Skip
1.4940
1.4945
1.4950
1.4955
1.4960
1.4965
1.4970
1.4975
1.4980
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Input voltage (V)
Forced PWM
No-Audible P-S
Pulse-Skip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com