Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670S Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 18Page - STMicroelectronics PM6670S Datasheet HTML 19Page - STMicroelectronics PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics PM6670S Datasheet HTML 23Page - STMicroelectronics PM6670S Datasheet HTML 24Page - STMicroelectronics PM6670S Datasheet HTML 25Page - STMicroelectronics PM6670S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Device description
PM6670S
22/53
7.1.1
Constant-on-time architecture
Figure 30
shows the simplified block diagram of the Constant-On-Time controller.
The switching regulator of the PM6670S owns a one-shot generator that ignites the high-
side MOSFET when the following conditions are simultaneously satisfied: the PWM
comparator is high (i.e. output voltage is lower than Vr = 0.9 V), the synchronous rectifier
current is below the current limit threshold and the minimum off-time has expired.
A minimum Off-Time constraint (300 ns typ.) is introduced to assure the boot capacitor
charge and allow inductor valley current sensing on low-side MOSFET. A minimum On-Time
is also introduced to assure the start-up switching sequence.
Once the On-Time has timed out, the high side switch is turned off, while the synchronous
rectifier is ignited according to the anti-cross conduction management circuitry.
When the output voltage reaches the valley limit (determined by internal reference
Vr = 0.9 V), the low-side MOSFET is turned off according to the anti-cross conduction logic
once again, and a new cycle begins.
Figure 30.
Switching section simplified block diagram
+
-
HS
HS
driver
driver
Level
Level
shifter
shifter
LS
LS
driver
driver
Q
Q
R
S
Ton
Ton--min
min
Anti cross-
conduction
circuitry
Toff
Toff--min
min
Q
R
S
+
-
PWM Comparator
PWM Comparator
Positive Current Limit comparator
Positive Current Limit comparator
0.9V
0.9V
Q
Q
R
S
+
_
Min
Min fsw
fsw
counter
counter
Zero
Zero--crossing
crossing
Comparator
Comparator
bandgap
bandgap
1.236V
1.236V
PHASE
PHASE
PGND
PGND
LGATE
LGATE
BOOT
BOOT
CSNS
CSNS
COMP
COMP
gm
gm
Integrator
Integrator
VSNS
VSNS
VBG
VBG
VBG
VBG
PULSE
PULSE -- SKIP
SKIP
MODE
MODE
MODE<4V
1-Shot generator
Ton
Ton
VSNS
VSNS
VOSC
VOSC
DDRSEL
0.9V
0.9V
100uA
100uA
500mV
2.5V
2.5V
+
-
-
-
+
+
HGATE
HGATE
VREF
VREF
SGND
SGND
VOSC
VOSC
VOSC
VOSC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com