Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 9Page - STMicroelectronics PM6675S Datasheet HTML 10Page - STMicroelectronics PM6675S Datasheet HTML 11Page - STMicroelectronics PM6675S Datasheet HTML 12Page - STMicroelectronics PM6675S Datasheet HTML 13Page - STMicroelectronics PM6675S Datasheet HTML 14Page - STMicroelectronics PM6675S Datasheet HTML 15Page - STMicroelectronics PM6675S Datasheet HTML 16Page - STMicroelectronics PM6675S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
PM6675S
Typical operating characteristics
13/53
5
Typical operating characteristics
Figure 3.
VOUT efficiency vs load, 1.5 V,
SW frequency = 400 kHz
Figure 4.
VOUT efficiency vs load, 1.25 V,
SW frequency = 400 kHz
Figure 5.
VOUT load regulation, 1.5 V,
Vin = 12 V
Figure 6.
VOUT load regulation, 1.25 V,
Vin = 12 V
Figure 7.
VOUT load regulation, 2.5 V,
Vin = 12 V
Figure 8.
LOUT load regulation, LOUT = 0.9 V,
LIN = 1.5 V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
Output Current [A]
SKIP @ 8V
SKIP @ 12V
SKIP @ 16V
No Aud. SKIP @ 8V
No Aud. SKIP @ 12V
No Aud. SKIP @ 16V
PWM @ 8V
PWM @ 12V
PWM @16V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
Output Current [A]
SKIP @ 8V
SKIP @ 12V
SKIP @ 16V
No A ud. SKIP @ 8V
No A ud. SKIP @ 12V
No A ud. SKIP @ 16V
PWM @ 8V
PWM @ 12V
PWM @ 16V
1.48
1.49
1.50
1.51
1.52
1.53
1.54
0.01
0.10
1.00
10.00
Output Current [A]
PWM
No Aud. SKIP
SKIP
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
1.280
0.01
0.10
1.00
10.00
Output Current [A]
PWM
No Aud. SKIP
SKIP
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.56
0.01
0.1
1
10
Output Current [A]
PWM
No Aud. SKIP
SKIP
0.87
0.88
0.89
0.90
0.91
0.92
0.93
0.94
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com