Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 21Page - STMicroelectronics PM6675S Datasheet HTML 22Page - STMicroelectronics PM6675S Datasheet HTML 23Page - STMicroelectronics PM6675S Datasheet HTML 24Page - STMicroelectronics PM6675S Datasheet HTML 25Page - STMicroelectronics PM6675S Datasheet HTML 26Page - STMicroelectronics PM6675S Datasheet HTML 27Page - STMicroelectronics PM6675S Datasheet HTML 28Page - STMicroelectronics PM6675S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
PM6675S
Device description
25/53
Equation 7
where gm = 50
µs is the integrator trans conductance.
If the ripple on the COMP pin is greater than 150 mV, the auxiliary capacitor CFILT can be
added. If q is the desired attenuation factor of the output ripple, CFILT is given by:
Equation 8
In order to reduce the noise on the COMP pin, it is possible to add a resistor RINT that,
together with CINT and CFILT, becomes a low pass filter. The cutoff frequency fCUT must be
much greater (10 or more times) than the switching frequency:
Equation 9
If the ripple is very small (lower than approximately 20mV), a different compensation
network, called "Virtual-ESR" Network, is needed. This additional circuit generates a
triangular ripple that is added to the output voltage ripple at the input of the integrator. The
complete control scheme is shown in Figure 36.
Vout
Vr
f
k
f
2
g
C
Zout
SW
m
INT
⋅
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
π
>
q
)
q
1
(
C
C
INT
FILT
−
⋅
=
FILT
INT
FILT
INT
CUT
INT
C
C
C
C
f
2
1
R
+
⋅
⋅
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com