Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 35Page - STMicroelectronics PM6675S Datasheet HTML 36Page - STMicroelectronics PM6675S Datasheet HTML 37Page - STMicroelectronics PM6675S Datasheet HTML 38Page - STMicroelectronics PM6675S Datasheet HTML 39Page - STMicroelectronics PM6675S Datasheet HTML 40Page - STMicroelectronics PM6675S Datasheet HTML 41Page - STMicroelectronics PM6675S Datasheet HTML 42Page - STMicroelectronics PM6675S Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
PM6675S
Application information
39/53
where
Equation 28a
Equation 28b
Referring to the typical application schematic (figure in cover page and Figure 33), the final
expression is then:
Equation 29
The switching frequency directly affects two parameters:
Inductor size: greater frequencies mean smaller inductances. In notebook applications,
real estate solutions (i.e. low-profile power inductors) are mandatory also with high
saturation and r.m.s. currents.
Efficiency: switching losses are proportional to the frequency. Generally, higher
frequencies imply lower efficiency.
Even if the switching frequency is theoretically independent from battery and output
voltages, parasitic parameters involved in power path (like MOSFETs on-resistance and
inductor DCR) introduce voltage drops responsible for a slight dependence on load current.
In addition, the internal delay is cause of a light dependence from input voltage.
IN
OSC
OSC
V
V
=
α
OUT
SNS
OUT
V
V
=
α
OSC
2
1
2
OSC
OSC
SW
K
1
R
R
R
K
f
+
=
α
=
Table 10.
Typical values for switching frequency selection
R1 (k
Ω)R2 (kΩ)
Approx switching frequency (kHz)
330
11
250
330
13
300
330
15
350
330
18
400
330
20
450
330
22
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com