Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 17Page - STMicroelectronics PM6675S Datasheet HTML 18Page - STMicroelectronics PM6675S Datasheet HTML 19Page - STMicroelectronics PM6675S Datasheet HTML 20Page - STMicroelectronics PM6675S Datasheet HTML 21Page - STMicroelectronics PM6675S Datasheet HTML 22Page - STMicroelectronics PM6675S Datasheet HTML 23Page - STMicroelectronics PM6675S Datasheet HTML 24Page - STMicroelectronics PM6675S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PM6675S
Device description
21/53
The duty-cycle of the buck converter is, in steady-state conditions, given by
Equation 2
The switching frequency is thus calculated as
Equation 3
where
Equation 4a
Equation 4b
Referring to the typical application schematic (figures on cover page and Figure 33), the
final expression is then:
Equation 5
Even if the switching frequency is theoretically independent from battery and output
voltages, parasitic parameters involved in the power path (like MOSFET on-resistance and
inductor DCR) introduce voltage drops responsible for a slight dependence on load current.
In addition, the internal delay is due to a small dependence on input voltage.
The PM6675S switching frequency can be set by an external divider connected to the
VOSC pin.
D
V
OUT
V
IN
--------------
=
OSC
OUT
OSC
OSC
SNS
OSC
IN
OUT
ON
SW
K
1
V
V
K
V
V
T
D
f
α
α
=
=
=
α
OSC
V
OSC
V
IN
---------------
=
α
OUT
V
SNS
V
OUT
--------------
=
OSC
2
1
2
OSC
OSC
SW
K
1
R
R
R
K
f
+
=
α
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com