Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 25Page - STMicroelectronics PM6675S Datasheet HTML 26Page - STMicroelectronics PM6675S Datasheet HTML 27Page - STMicroelectronics PM6675S Datasheet HTML 28Page - STMicroelectronics PM6675S Datasheet HTML 29Page - STMicroelectronics PM6675S Datasheet HTML 30Page - STMicroelectronics PM6675S Datasheet HTML 31Page - STMicroelectronics PM6675S Datasheet HTML 32Page - STMicroelectronics PM6675S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PM6675S
Device description
29/53
No-audible pulse-skip mode
Some audio-noise sensitive applications cannot accept the switching frequency to enter the
audible range as it is possible in Pulse-Skip mode with very light loads. For this reason, the
PM6675S implements an additional feature to maintain a minimum switching frequency of
33kHz despite a slight efficiency loss. At very light load conditions, if any switching cycle has
taken place within 30
µs (typ.) since the last one (because of the output voltage is still higher
than the reference), a No-Audible Pulse-Skip cycle begins. The low-side MOSFET is turned
on and the output is driven to fall until the reference point has been crossed. Then, the high-
side switch is turned on for a TON period and, once it has expired, the synchronous rectifier
is enabled until the inductor current reaches the zero-crossing threshold (see Figure 38).
Figure 38.
Inductor current and output voltage at light load with non-audible pulse-skip
For frequencies higher than 33 kHz (due to heavier loads) the device works in the same way
as in Pulse-Skip mode. It is important to notice that in both Pulse-Skip and No-Audible
Pulse-Skip modes, the switching frequency changes not only with the load but also with the
input voltage.
Output
voltage
Inductor
current
Vreg
t
TMAX
TON TOFF
TIDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com