Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675S Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 28Page - STMicroelectronics PM6675S Datasheet HTML 29Page - STMicroelectronics PM6675S Datasheet HTML 30Page - STMicroelectronics PM6675S Datasheet HTML 31Page - STMicroelectronics PM6675S Datasheet HTML 32Page - STMicroelectronics PM6675S Datasheet HTML 33Page - STMicroelectronics PM6675S Datasheet HTML 34Page - STMicroelectronics PM6675S Datasheet HTML 35Page - STMicroelectronics PM6675S Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Device description
PM6675S
32/53
It must be taken into account that the current limit circuit actually regulates the inductor
valley current. This means that RILIM must be calculated to set a limit threshold given by the
maximum DC output current plus half of the inductor ripple current:
Equation 21
The PM6675S provides also a fixed negative current limit to prevent excessive reverse
inductor current when the switching section sinks current from the load in forced-PWM (3rd
quadrant working conditions). This negative current limit threshold is measured between
PHASE and PGND pins, comparing the drop magnitude on PHASE pin with an internal
110 mV fixed threshold.
7.1.6
POR, UVLO and soft-start
The PM6675S automatically performs an internal startup sequence during the rising phase
of the analog supply of the device (AVCC). The switching controller remains in a stand-by
state until AVCC crosses the upper UVLO threshold (4.25 V typ.), keeping active the internal
discharge MOSFETs (only if AVCC > 1V).
The soft-start allows a gradual increase of the internal current limit threshold during startup
reducing the input/output surge currents. At the beginning of start-up, the PM6675S current
limit is set to 25 % of nominal value and the Under Voltage Protection is disabled. Then, the
current limit threshold is sequentially brought to 100 % in four steps of approximately 750
µs
(Figure 41).
Figure 41.
Soft-start waveforms
After a fixed 3ms total time, the soft-start finishes and UVP is released: if the output voltage
doesn't reach the under voltage threshold within soft-start duration, the UVP condition is
detected and the device performs a soft-end and latches off. Depending on the load
conditions, the inductor current may or may not reach the nominal value of the current limit
during the soft-start (Figure 42 shows two examples).
DSon
ILIM
CL
R
R
A
100
I
⋅
µ
=
SWEN
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com