Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 5Page - STMicroelectronics STA529 Datasheet HTML 6Page - STMicroelectronics STA529 Datasheet HTML 7Page - STMicroelectronics STA529 Datasheet HTML 8Page - STMicroelectronics STA529 Datasheet HTML 9Page - STMicroelectronics STA529 Datasheet HTML 10Page - STMicroelectronics STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
STA529
Connection diagrams and pin descriptions
9/58
2.2.2
Pin description
Table 3.
Package: VFQFPN52
Pin #
Name
Type
Description
10
RST_N
Digital input
Reset (active low)
38
XTI
Digital input
Crystal input or master clock input
37
MCLK33
Digital input
Master clock input 3.3 V capable
XTI: crystal input or master clock input 3.3 V capable
36
SELCLK33
Digital input
Master clock input selector:
SELCLK33 = 1 -> MCLK33 selected
SELCLK33 = 0 -> XTI selected
39
XTO
Digital output
Crystal output
11
CLKOUT
Digital output
Buffered clock output
34
SCL
Digital input
I2C serial clock
35
SDA
Digital
input/output
I2C serial data
33
I2CDIS
Digital input
I2C disable pin (active high)
1
STBY
Digital input
Standby (active high)
14
MUTE
Digital input
Mute (active high)
51
BICLKI
Digital
input/output
Input serial audio interface bit-clock
47
LRCLKI
Digital
input/output
Input serial audio interface L/R-clock
45
SDATAI
Digital input
Input serial audio interface data
52
BICLKO
Digital
input/output
Output serial audio interface bit-clock
(volume DOWN when I2CDIS=1)
48
LRCLKO
Digital
input/output
Output serial audio interface L/R-clock
(volume UP when I2CDIS=1)
46
SDATAO
Digital output
Output serial audio interface data
32
TM
Digital input
Test mode (active high)
2
INL
Analog input
ADC left channel line input or microphone input
3INR
Analog
input/output
ADC right channel line input
4
VBIAS
Analog
input/output
ADC microphone bias voltage
9VCM
Analog
input/output
ADC Common mode voltage
5
AVDD
Supply
ADC analog supply
8
AGND
Ground
ADC analog ground
6
VHI
Analog input
ADC High reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com