Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 32Page - STMicroelectronics STA529 Datasheet HTML 33Page - STMicroelectronics STA529 Datasheet HTML 34Page - STMicroelectronics STA529 Datasheet HTML 35Page - STMicroelectronics STA529 Datasheet HTML 36Page - STMicroelectronics STA529 Datasheet HTML 37Page - STMicroelectronics STA529 Datasheet HTML 38Page - STMicroelectronics STA529 Datasheet HTML 39Page - STMicroelectronics STA529 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Registers
STA529
36/58
10.2
General registers
FFXCFG0
FFX configuration register 0
Address:
0x00
Type:
R/W
Buffer:
No
Reset:
0x75
Description:
0x29
BISTST0
Reserved
0x2A
BISTST1
Reserved
0x2B
BISTST2
Reserved
0x2D
PWMINT1
PWM_INT[15:8]
0x2E
PWMINT2
PWM_INT[7:0]
0x32
POWST
POWER
DOWN
POW_
TRISTATE
POW_
FAULT1A
POW_
FAULT1B
POW_
FAULT2A
POW_
FAULT2B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MUTE
POW_STBY
SOFT_VOL_ON
BIN_
SOFTSTART
TIM_SOFT_VOL[3:0]
7MUTE:
0: default
1: FFX output is zero
6POW_STBY:
0: FFX bridge is in power-up mode
1: FFX bridge is put in standby mode (default)
5 SOFT_VOL_ON:
0: smooth transition not active
1: smooth transition when changing volume control (default)
4 BIN_SOFTSTART:
Reserved (1: default)
3:0 TIM_SOFT_VOL: volume control time step for any 0.5 dB volume change
Time is (2TIM_SOFT_VOL) * 20.83 µs
Default is 666.66 µs
Table 18.
Register summary (continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com