Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 39Page - STMicroelectronics STA529 Datasheet HTML 40Page - STMicroelectronics STA529 Datasheet HTML 41Page - STMicroelectronics STA529 Datasheet HTML 42Page - STMicroelectronics STA529 Datasheet HTML 43Page - STMicroelectronics STA529 Datasheet HTML 44Page - STMicroelectronics STA529 Datasheet HTML 45Page - STMicroelectronics STA529 Datasheet HTML 46Page - STMicroelectronics STA529 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
STA529
Registers
43/58
P2SCFG0
Parallel-to-serial audio interface configuration
register 0
Address:
0x0C
Type:
R/W
Buffer:
No
Reset:
0xD3
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BICLK_ STRB
LRCLK_LEFT
SDATAO_ACT
MSB_FIRST
DATA_FORMAT[2:0]
MASTER_
MODE
7 BICLK_STRB: defines the bit clock edges:
0: strobe is falling edge, active edge is rising
1: strobe is rising edge, active edge is falling (default)
6 LRCLK_LEFT: defines the channel for the LR clock:
0: clock is low for left channel, high for right channel
1: clock is high for left channel, low for right channel (default)
5 SDATAO_ ACT: sets the behavior of pin SDATAO:
0: output is tri-stated when no data is sent (default)
1: output is never in tri-state (it is 0 when no data is sent)
4 MSB_FIRST: data alignment in the protocol for SDATAI and SDATAO:
0: LSB is the first bit
1: MSB is the first bit (default)
3:1 DATA_FORMAT[2:0]: serial interface protocol format:
000: left justified
001: I2S (default)
010: right justified
100: PCM no delay
101: PCM delay
111: DSP
0 MASTER_ MODE: selects serial interface master/slave mode:
0: slave
1: master (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com