Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 47Page - STMicroelectronics STA529 Datasheet HTML 48Page - STMicroelectronics STA529 Datasheet HTML 49Page - STMicroelectronics STA529 Datasheet HTML 50Page - STMicroelectronics STA529 Datasheet HTML 51Page - STMicroelectronics STA529 Datasheet HTML 52Page - STMicroelectronics STA529 Datasheet HTML 53Page - STMicroelectronics STA529 Datasheet HTML 54Page - STMicroelectronics STA529 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
STA529
Registers
51/58
FFXST
FFX status register
Address:
0x23
Type:
RO
Buffer:
No
Reset:
Undefined
Description:
PWMINT1
PWM driver configuration register 1
Address:
0x2D
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
PWMINT2
PWM driver configuration register 2
Address:
0x2E
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INVALID_INP_
FBK
MUTE_INT_FBK
7:3 Reserved
2 INVALID_INP_FBK: invalid input status:
1: invalid input sent to FFX
1 MUTE_INT_FBK: FFX mute status
1: FFX is in mute state
0Reserved
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWM_INT1[7:0]
7:0 PWM_INT1[7:0]: see Section 7: Driver configuration on page 25:
0000 0000: default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWM_INT1[7:0]
7:0 PWM_INT1[7:0]: see Section 7: Driver configuration on page 25:
0000 0000: default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com